Part Number Hot Search : 
PMBT4401 13006 ZMY5V1 PCF8584T NJW1194V 34735 5KP75 STK0100
Product Description
Full Text Search
 

To Download FDI038N06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDI040N06 N-Channel PowerTrench(R) MOSFET
June 2009
FDI040N06
N-Channel PowerTrench(R) MOSFET
60V, 168A, 4.0m Features
* RDS(on) = 3.2m ( Typ.) @ VGS = 10V, ID = 75A * Fast Switching Speed * Low Gate Charge * High Performance Trench Technology for Extremely Low RDS(on) * High Power and Current Handling Capability * RoHS Compliant
tm
General Description
This N-Channel MOSFET is produced using Fairchild Semiconductor's advanced PowerTrench process that has been especially tailored to minimize the on-state resistance and yet maintain superior switching performance.
Application
* DC to DC convertors / Synchronous Rectification
D
GDS
I2-PAK FDI Series
G
S
MOSFET Maximum Ratings TC = 25oC unless otherwise noted
Symbol VDSS VGSS ID IDM EAS dv/dt PD TJ, TSTG TL Parameter Drain to Source Voltage Gate to Source Voltage -Continuous (TC = 25oC, Silicion Limited) Drain Current Drain Current Single Pulsed Avalanche Energy Peak Diode Recovery dv/dt Power Dissipation (TC = 25oC) - Derate above 25oC -Continuous (TC = 100oC, Silicion Limited) -Continuous (TC = 25oC, Package Limited) - Pulsed (Note 1) (Note 2) (Note 3) Ratings 60 20 168* 118* 120 672 872 7.0 231 1.54 -55 to +175 300 A mJ V/ns W W/oC
o
Units V V A
Operating and Storage Temperature Range Maximum Lead Temperature for Soldering Purpose, 1/8" from Case for 5 Seconds
C
oC
*Calculated continuous current based on maximum allowable junction temperature. Package limitation current is 120A.
Thermal Characteristics
Symbol RJC RJA Parameter Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient Ratings 0.65 62.5 Units
o
C/W
(c)2009 Fairchild Semiconductor Corporation FDI040N06 Rev. A
1
www.fairchildsemi.com
FDI040N06 N-Channel PowerTrench(R) MOSFET
Package Marking and Ordering Information
Device Marking FDI038N06 Device FDI038N06 Package TO-262 Reel Size Tube Tape Width Quantity 50
Electrical Characteristics TC = 25oC unless otherwise noted
Symbol Parameter Test Conditions Min. Typ. Max. Units
Off Characteristics
BVDSS BVDSS TJ IDSS IGSS Drain to Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate to Body Leakage Current ID = 250A, VGS = 0V, TC= 25oC ID = 250A, Referenced to VDS = 60V, VGS = 0V VDS = 60V, VGS = 0V, TC = 150oC VGS = 20V, VDS = 0V 25oC 60 0.04 1 500 100 V V/oC A nA
On Characteristics
VGS(th) RDS(on) gFS Gate Threshold Voltage Static Drain to Source On Resistance Forward Transconductance VGS = VDS, ID = 250A VGS = 10V, ID = 75A VDS = 10V, ID = 75A
(Note 4)
2.5 -
3.5 3.2 169
4.5 4.0 -
V m S
Dynamic Characteristics
Ciss Coss Crss Qg(tot) Qgs Qgd Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge at 10V Gate to Source Gate Charge Gate to Drain "Miller" Charge VDS = 25V, VGS = 0V f = 1MHz VDS = 48V, ID = 75A VGS = 10V
(Note 4, 5)
-
6190 900 385 102 32 32
8235 1195 580 133 -
pF pF pF nC nC nC
Switching Characteristics
td(on) tr td(off) tf Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time VDD = 30V, ID = 75A VGS = 10V, RGEN = 4.7
(Note 4, 5)
-
30 40 55 24
70 90 120 58
ns ns ns ns
Drain-Source Diode Characteristics
IS ISM VSD trr Qrr Maximum Continuous Drain to Source Diode Forward Current Maximum Pulsed Drain to Source Diode Forward Current Drain to Source Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VGS = 0V, ISD = 75A VGS = 0V, ISD = 75A dIF/dt = 100A/s
(Note 4)
-
41 47
168 672 1.3 -
A A V ns nC
Notes: 1: Repetitive Rating: Pulse width limited by maximum junction temperature 2: L = 0.31mH, IAS = 75A, VDD = 50V, RG = 25, Starting TJ = 25 C C 3: ISD 75A, di/dt 200A/s, VDD BVDSS, Starting TJ = 25 4: Pulse Test: Pulse width 300s, Duty Cycle 2% 5: Essentially Independent of Operating Temperature Typical Characteristics
FDI040N06 Rev. A
2
www.fairchildsemi.com
FDI040N06 N-Channel PowerTrench(R) MOSFET
Typical Performance Characteristics
Figure 1. On-Region Characteristics
1000
VGS = 15.0V 10.0V 8.0 V 7.0 V 6.5 V 6.0 V 5.5 V
Figure 2. Transfer Characteristics
1000
*Notes: 1. VDS = 10V 2. 250s Pulse Test
100
ID,Drain Current[A]
ID,Drain Current[A]
100
175 C
o
10
25 C
o
10
-55 C
o
1
*Notes: 1. 250s Pulse Test 2. TC = 25 C
o
0.1 0.01
0.1 1 VDS,Drain-Source Voltage[V]
6
1 2 3 4 5 6 7 VGS,Gate-Source Voltage[V] 8
Figure 3. On-Resistance Variation vs. Drain Current and Gate Voltage
4.0
Figure 4. Body Diode Forward Voltage Variation vs. Source Current and Temperature
1000
RDS(ON) [m], Drain-Source On-Resistance
IS, Reverse Drain Current [A]
3.5
VGS = 10V
100
175 C
o
25 C
o
3.0
VGS = 20V
10
*Notes: 1. VGS = 0V
2.5 0 60
*Note: TC = 25 C
o
120 180 240 ID, Drain Current [A]
300
360
1 0.2
2. 250s Pulse Test
0.4 0.6 0.8 1.0 VSD, Body Diode Forward Voltage [V]
1.2
Figure 5. Capacitance Characteristics
10000
Ciss
Figure 6. Gate Charge Characteristics
10
VGS, Gate-Source Voltage [V]
VDS = 12V VDS = 30V VDS = 48V
8
Capacitances [pF]
6
1000
Coss *Note: 1. VGS = 0V 2. f = 1MHz
Ciss = Cgs + Cgd (Cds = shorted) Coss = Cds + Cgd Crss = Cgd
4
Crss
2
*Note: ID = 75A
100 0.1
0
1 10 VDS, Drain-Source Voltage [V] 30
0
20
40 60 80 100 Qg, Total Gate Charge [nC]
120
FDI040N06 Rev. A
3
www.fairchildsemi.com
FDI040N06 N-Channel PowerTrench(R) MOSFET
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation vs. Temperature
1.2 BVDSS, [Normalized] Drain-Source Breakdown Voltage
Figure 8. On-Resistance Variation vs. Temperature
2.4 RDS(on), [Normalized] Drain-Source On-Resistance
2.0
1.1
1.6
1.0
1.2
0.9
*Notes: 1. VGS = 0V 2. ID = 10mA
0.8
*Notes: 1. VGS = 10V 2. ID = 75A
0.8 -80
-40
0 40 80 120 160 o TJ, Junction Temperature [ C]
200
0.4 -75
-25 25 75 125 175 o TJ, Junction Temperature [ C]
225
Figure 9. Maximum Safe Operating Area
1000
100s
Figure 10. Maximum Drain Current vs. Case Temperature
180
ID, Drain Current [A]
144
1ms
ID, Drain Current [A]
100
108
Limited by package
10
Operation in This Area is Limited by R DS(on)
10ms 100ms 1s
o
72
1
*Notes: 1. TC = 25 C 2. TJ = 175 C 3. Single Pulse
o
36
0.1 0.1
1 10 VDS, Drain-Source Voltage [V]
100
0 25
50 75 100 125 150 o TC, Case Temperature [ C]
175
Figure 11. Transient Thermal Response Curve
1
Thermal Response [Z JC]
0.5 0.2 0.1 0.05 0.02
0.1
PDM t1 t2
o
0.01
0.01 Single pulse
*Notes:
1. ZJC(t) = 0.65 C/W Max. 2. Duty Factor, D= t1/t2 3. TJM - TC = PDM * ZJC(t)
0.001 -5 10
10
-4
10 10 10 Rectangular Pulse Duration [sec]
-3
-2
-1
1
10
FDI040N06 Rev. A
4
www.fairchildsemi.com
FDI040N06 N-Channel PowerTrench(R) MOSFET
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms
FDI040N06 Rev. A
5
www.fairchildsemi.com
FDI040N06 N-Channel PowerTrench(R) MOSFET
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
+ V
DS
_ I
SD
L D r iv e r R
G
S am e T ype as D U T
V
DD
V
GS
* d v / d t c o n t r o lle d b y R G * IS D c o n t r o lle d b y p u ls e p e r io d
VGS ( D r iv e r )
G a te P u ls e W id t h D = -------------------------G a te P u ls e P e r io d
10V
IF M , B o d y D io d e F o r w a r d C u r r e n t
I SD (DUT ) IR M
d i/d t
B o d y D io d e R e v e r s e C u r r e n t
V DS (DUT )
B o d y D io d e R e c o v e r y d v /d t
V
SD
V
DD
B o d y D io d e F o r w a r d V o lt a g e D r o p
FDI040N06 Rev. A
6
www.fairchildsemi.com
FDI040N06 N-Channel PowerTrench(R) MOSFET
Mechanical Dimensions
I2-PAK
9.90 0.20 (0.40)
4.50 0.20
+0.10
1.30 -0.05
1.20 0.20
9.20 0.20 MAX 3.00
(1.46)
13.08 0.20
(0.94)
1.27 0.10
1.47 0.10 0.80 0.10
10.08 0.20
MAX13.40
(4 ) 5
2.54 TYP
2.54 TYP
0.50 -0.05
+0.10
2.40 0.20
10.00 0.20
FDI040N06 Rev. A
7
www.fairchildsemi.com
TRADEMARKS The following includes registered and unregistered trademarks and service marks, owned by Fairchild Semiconductor and/or its global subsidiaries, and is not intended to be an exhaustive list of all such trademarks. AccuPowerTM Auto-SPMTM Build it NowTM CorePLUSTM CorePOWERTM CROSSVOLTTM CTLTM Current Transfer LogicTM EcoSPARK(R) EfficentMaxTM EZSWITCHTM* TM*
(R)
Fairchild(R) Fairchild Semiconductor(R) FACT Quiet SeriesTM FACT(R) FAST(R) FastvCoreTM FETBenchTM FlashWriter(R)*
FPSTM F-PFSTM FRFET(R) SM Global Power Resource Green FPSTM Green FPSTM e-SeriesTM GmaxTM GTOTM IntelliMAXTM ISOPLANARTM MegaBuckTM MICROCOUPLERTM MicroFETTM MicroPakTM MillerDriveTM MotionMaxTM Motion-SPMTM OPTOLOGIC(R) OPTOPLANAR(R)
(R)
PowerTrench(R) PowerXSTM Programmable Active DroopTM QFET(R) QSTM Quiet SeriesTM RapidConfigureTM TM Saving our world, 1mW/W/kW at a timeTM SmartMaxTM SMART STARTTM SPM(R) STEALTHTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SupreMOSTM SyncFETTM Sync-LockTM (R) *
The Power Franchise
(R)
TinyBoostTM TinyBuckTM TinyCalcTM TinyLogic(R) TINYOPTOTM TinyPowerTM TinyPWMTM TinyWireTM TriFault DetectTM TRUECURRENTTM* SerDesTM
PDP SPMTM Power-SPMTM
UHC(R) Ultra FRFETTM UniFETTM VCXTM VisualMaxTM XSTM
* Trademarks of System General Corporation, used under license by Fairchild Semiconductor. DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
ANTI-COUNTERFEITING POLICY Fairchild Semiconductor Corporation's Anti-Counterfeiting Policy. Fairchild's Anti-Counterfeiting Policy is also stated on our external website, www.fairchildsemi.com, under Sales Support. Counterfeiting of semiconductor parts is a growing problem in the industry. All manufacturers of semiconductor products are experiencing counterfeiting of their parts. Customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substandard performance, failed applications, and increased cost of production and manufacturing delays. Fairchild is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. Fairchild strongly encourages customers to purchase Fairchild parts either directly from Fairchild or from Authorized Fairchild Distributors who are listed by country on our web page cited above. Products customers buy either from Fairchild directly or from Authorized Fairchild Distributors are genuine parts, have full traceability, meet Fairchild's quality standards for handling and storage and provide access to Fairchild's full range of up-to-date technical and product information. Fairchild and our Authorized Distributors will stand behind all warranties and will appropriately address any warranty issues that may arise. Fairchild will not provide any warranty coverage or other assistance for parts bought from Unauthorized Sources. Fairchild is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Preliminary No Identification Needed Obsolete Product Status Formative / In Design First Production Full Production Not In Production Definition Datasheet contains the design specifications for product development. Specifications may change in any manner without notice. Datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. Datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve the design. Datasheet contains specifications on a product that is discontinued by Fairchild Semiconductor. The datasheet is for reference information only.
Rev. I41
(c) 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FDI038N06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X